PART |
Description |
Maker |
3AG1 3AP1 3AG2.5 3AP300 3AG300 3AP375 AP750 |
Fuses, 1A 250V FAST GLASS FAST BLOW ELECTRIC FUSE, 1A, 125VAC, 10000A (IR), INLINE/HOLDER Fuses, 1A 250V FAST GLASS FAST BLOW ELECTRIC FUSE, 1A, 125VAC, 10000A (IR), THROUGH HOLE Fuses, 2.5A 250V FAST GLASS FAST BLOW ELECTRIC FUSE, 2.5A, 125VAC, 10000A (IR), INLINE/HOLDER Fuses, 300mA 250V FAST GLASS FAST BLOW ELECTRIC FUSE, 0.3A, 125VAC, 10000A (IR), THROUGH HOLE Fuses, 300mA 250V FAST GLASS FAST BLOW ELECTRIC FUSE, 0.3A, 125VAC, 10000A (IR), INLINE/HOLDER Fuses, 375mA 250V FAST GLASS FAST BLOW ELECTRIC FUSE, 0.375A, 125VAC, 10000A (IR), THROUGH HOLE Fuses, 750mA 250V FAST GLASS
|
Bel Fuse, Inc. BEL FUSE INC
|
BETM-2A-1500 BETM-2A-250 BETM-2A-500 BEM-2A-500 BE |
Analog IC 模拟IC FUSE FAST 2.50A SHORT UL TE5 FUSE FAST-ACT 1.60A 50V 1206 SMD FUSE, RESETTABLE, 15V, 100MA, 500MW, 15V, 100MA, 0805 BIPHASE MODULATORS
|
Merrimac Industries, Inc.
|
215200 215025 217040 217040P 215800 215400 215250 |
5 x 20 mm Time Lag Fuse (Slo-Blo Fuse) 5 x 20 mm Fast-Acting Fuse
|
LITTELFUSE[Littelfuse]
|
STK13C68-C25 STK13C68-5S25 STK13C68-5S45 STK13C68- |
FUSE 5A SLO-BLO PICO SCR Thyristor; SCR Type:Sensitive Gate; Peak Repetitive Off-State Voltage, Vdrm:200V; On-State RMS Current, IT(rms):4A; Peak Non Repetitive Surge Current, Itsm:30A; Gate Trigger Current Max, Igt:200uA SCR Thyristor; SCR Type:Sensitive Gate; Peak Repetitive Off-State Voltage, Vdrm:200V; On-State RMS Current, IT(rms):4A; Peak Non Repetitive Surge Current, Itsm:30A; Gate Trigger Current Max, Igt:50uA PC Board Fuse; Current Rating:250mA; Voltage Rating:125V; Fuse Terminals:SMT Caps; Body Material:Ceramic; Fuse Size/Group:6.10 x 2.69 x 2.69mm; Fuse Type:Very Fast Acting; Leaded Process Compatible:No PC Board Fuse; Current Rating:500mA; Voltage Rating:125V; Fuse Terminals:SMT Caps; Body Material:Ceramic; Fuse Size/Group:6.10 x 2.69 x 2.69mm; Fuse Type:Very Fast Acting; Leaded Process Compatible:No PC Board Fuse; Current Rating:500mA; Voltage Rating:125V; Fuse Terminals:SMT Caps; Body Material:Ceramic; Fuse Size/Group:6.10 x 2.69 x 2.69mm; Fuse Type:Time Delay; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No PC Board Fuse; Current Rating:375mA; Voltage Rating:125V; Fuse Terminals:SMT Caps; Body Material:Ceramic; Fuse Size/Group:6.10 x 2.69 x 2.69mm; Fuse Type:Time Delay; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No Cartridge Fuse; Current Rating:0.062A; Voltage Rating:125V; Fuse Type:Very Fast Acting; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Voltage Rating:125V RoHS Compliant: No NVRAM (EEPROM Based) NVRAM中(EEPROM的基础
|
Microchip Technology, Inc. Electronic Theatre Controls, Inc.
|
FWH-500A COOPERINDUSTRIES-FWH-225A |
Semiconductor Fuse; Current Rating:500A; Voltage Rating:500V; Fuse Size/Group:1.5 x 2.09 "; Fuse Type:Fast Acting; Fuse Terminals:Blade; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Series:FWH RoHS Compliant: No
|
COOPER INDUSTRIES
|
6.6URD30EF0250 6.6URD30EF0350 6.6URD33EF1000 AO65U |
VERY FAST BLOW ELECTRIC FUSE, 250A, 660VAC, 200000A (IR), INLINE/HOLDER VERY FAST BLOW ELECTRIC FUSE, 350A, 660VAC, 200000A (IR), INLINE/HOLDER VERY FAST BLOW ELECTRIC FUSE, 1000A, 660VAC, 200000A (IR), INLINE/HOLDER VERY FAST BLOW ELECTRIC FUSE, 1800A, 650VAC, 200000A (IR), INLINE/HOLDER VERY FAST BLOW ELECTRIC FUSE, 1100A, 650VAC, 200000A (IR), INLINE/HOLDER VERY FAST BLOW ELECTRIC FUSE, 200A, 700VAC, 200000A (IR), INLINE/HOLDER
|
MERSEN
|
0251.250PRT1HF 0251.125PRT1HF 0251.062PRT1HF 0251. |
VERY FAST BLOW ELECTRIC FUSE, 0.25A, 125VAC, 125VDC, 50A (IR), THROUGH HOLE HALOGEN FREE AND ROHS COMPLIANT VERY FAST BLOW ELECTRIC FUSE, 0.125A, 125VAC, 125VDC, 50A (IR), THROUGH HOLE HALOGEN FREE AND ROHS COMPLIANT VERY FAST BLOW ELECTRIC FUSE, 0.062A, 125VAC, 125VDC, 50A (IR), THROUGH HOLE HALOGEN FREE AND ROHS COMPLIANT VERY FAST BLOW ELECTRIC FUSE, 0.375A, 125VAC, 125VDC, 50A (IR), THROUGH HOLE HALOGEN FREE AND ROHS COMPLIANT VERY FAST BLOW ELECTRIC FUSE, 12A, 32VAC, 32VDC, 50A (IR), THROUGH HOLE VERY FAST BLOW ELECTRIC FUSE, 7A, 125VAC, 125VDC, 50A (IR), THROUGH HOLE VERY FAST BLOW ELECTRIC FUSE, 1A, 125VAC, 125VDC, 50A (IR), THROUGH HOLE VERY FAST BLOW ELECTRIC FUSE, 15A, 32VAC, 32VDC, 50A (IR), THROUGH HOLE VERY FAST BLOW ELECTRIC FUSE, 1.5A, 125VAC, 125VDC, 50A (IR), THROUGH HOLE VERY FAST BLOW ELECTRIC FUSE, 10A, 125VAC, 125VDC, 50A (IR), THROUGH HOLE VERY FAST BLOW ELECTRIC FUSE, 3A, 125VAC, 125VDC, 50A (IR), THROUGH HOLE
|
3M Company
|
3412.0117.XX 3412.0123.XX 3412.0120.XX 3412.0113.X |
SUPER FAST BLOW ELECTRIC FUSE, 4A, 32VAC, 32VDC, 50A (IR), SURFACE MOUNT USF 0603 FUSE 1.5A USF 0603 FUSE 1A USF 0603 FUSE 3.5A SUPER FAST BLOW ELECTRIC FUSE, 0.75A, 32VAC, 32VDC, 50A (IR), SURFACE MOUNT Surface Mount Fuse, 1.6 x 0.8 mm, Super-Quick-Acting FF, 32 VAC, 32 VDC
|
Schurter Inc.
|
BCX71JL BCX71GL |
Cartridge Fuse; Current Rating:62.5mA; Voltage Rating:250V; Fuse Type:Fast Acting; Fuse Size/Group:1/4 x 1-1/4 "; Body Material:Glass; Diameter:6.35mm; Fuse Terminals:Ferrule; Leaded Process Compatible:Yes; Length:31.75mm RoHS Compliant: Yes TRANSISTOR | BJT | PNP | 45V V(BR)CEO | 100MA I(C) | SOT-23 晶体管|晶体管|进步党| 45V的五(巴西)总裁| 100mA的一(c)| SOT - 23封装
|
Vitesse Semiconductor, Corp.
|
0034.1506 0034.1507 0034.1508 0034.1509 0034.1510 |
FAST BLOW ELECTRIC FUSE, 0.032A, 250VAC, 35A (IR), INLINE/HOLDER Miniature Fuse, 5 x 20 mm, Quick-Acting F, L, 250 VAC
|
Schurter Inc.
|
TR2/6125FA5A TR2/6125FA2A TR2/6125FA10A TR2/6125FA |
FUSE BRICK 5A 125V FAST 6125FA FAST BLOW ELECTRIC FUSE, 5A, 125VAC, 125VDC, 50A (IR), SURFACE MOUNT FUSE BRICK 2A 125V FAST 6125FA FAST BLOW ELECTRIC FUSE, 2A, 125VAC, 125VDC, 50A (IR), SURFACE MOUNT FUSE BRICK 10A 125V FAST 6125FA FAST BLOW ELECTRIC FUSE, 3.5A, 125VAC, 125VDC, 50A (IR), SURFACE MOUNT
|
Cooper Bussmann, Inc. COOPER INDUSTRIES
|
|